|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
29/09/2010 v17.0 1 features: > high brightness surface mount led. > designed for sideway illumination. > 120 viewing angle. > small package outline. > qualified according to jedec moisture sensitivity level 2. > compatible to ir reflow soldering. domiled tm synonymous with function and performance, the domiled tm series is perfectly suited for a variety of cross-industrial applications due to its small package outline, durability and superior brightness. data sheet: right angle domiled tm alingap : dsx-xss ? 2005 domiled is a trademark of dominant opto technologies. all rights reserved. product specifcations are subject to change without notice. applications: > automotive: interior applications, eg: switches, telematics, climate control system, dashboard, etc. > consumer appliances: lcd illumination as in pdas, lcd tv. > display: full color display video notice board. > industry: white goods (eg: oven, microwave, etc.). dominant opto technologies innovating illumination tm
29/09/2010 v17.0 2 dss-sss-pq2-1 dss-css-pq2-1 dsr-css-pq2-1 dsr-css-qr2-1 dsr-css-rs2-1 dsr-sss-qr2-1 dsr-tss-st2-1 dsa-css-qr2-1 dsa-sss-rs2-1 dsa-css-rs2-1 dso-css-qr2-1 dso-sss-rs2-1 DSO-CSS-RS2-1 dsy-css-qr2-1 dsy-css-rs2-1 dsy-sss-rs2-1 dsg-sss-pq2-1 dsg-css-pq2-1 dsp-sss-lm2-1 super red, 632nm super red, 632nm red, 625nm red, 625nm red, 625nm red, 625nm red, 625nm amber, 615nm amber, 615nm amber, 615nm orange, 605nm orange, 605nm orange, 605nm yellow, 587nm yellow, 587nm yellow, 587nm green, 570nm green, 570nm pure green, 560nm 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 45.0 45.0 45.0 71.5 112.5 71.5 180.0 71.5 112.5 112.5 71.5 112.5 112.5 71.5 112.5 112.5 45.0 45.0 11.2 allngap : dsx-xss part ordering number color viewing angle? luminous intensity @ if = 20ma iv (mcd) not for new design optical characteristics at tj=25?c min. typ. max. 71.5 71.5 71.5 112.5 180.0 112.5 285.0 112.5 180.0 180.0 112.5 180.0 180.0 112.5 180.0 180.0 71.5 71.5 18.0 112.5 112.5 112.5 180.0 285.0 180.0 450.0 180.0 180.0 180.0 180.0 285.0 285.0 180.0 285.0 285.0 112.5 112.5 28.5 note 1. all part number above comes in a quantity of 2500 units per reel. 2. other luminous intensity groups are also available upon request. 3. luminous intensity is measured with an accuracy of 11%. 4. wavelength binning is carried for all units as per the wavelength-binning table. only one wavelength group is allowed for each reel. 5. an optional vf binning is also available upon request. binning scheme is as per following table. please contact marketing for special part number dominant opto technologies innovating illumination tm optical characteristics at tj=25?c 29/09/2010 v17.0 3 allngap : dsx-xss typ. (v) vf @ if = 20ma forward voltage, vf is measured with an accuracy of 0.1 v. electrical characteristics at tj=25?c max. (v) vr @ ir = 10ua min. (v) part number dsr-css, dsa-css, dss-css, dsg-css dso-css, dsy-css dss-sss, dsr-sss, dsa-sss, dso-sss, dsy-sss, dsg-sss, dsp-sss dsr-tss 1.9 1.8 2.1 2.3 2.3 2.6 12 12 12 unit absolute maximum ratings maximum value dc forward current peak pulse current; (tp 10s, duty cycle = 0.005) reverse voltage esd threshold (hbm) led junction temperature operating temperature storage temperature power dissipation (at room temperature) 20 200 12 2 125 -40 +100 -40 +100 50 ma ma v kv ?c ?c ?c mw min. (v) 1.6 1.6 1.6 dominant opto technologies innovating illumination tm 29/09/2010 v17.0 4 group dominant wavelength is measured with an accuracy of 1 nm. wavelength grouping at tj=25?c wavelength distribution (nm) color dss; super red dsr-cs, -ss; red (as) dsr-ts; red (ts) dsa; amber dso; orange dsy; yellow dsg; green dsp; pure green full full full full w x full w x y z full w x y z full w x y z full w x y z 625 - 640 620 - 630 620 - 635 610 - 621 610 - 615 615 - 621 600 - 612 600 - 603 603 - 606 606 - 609 609 - 612 582 - 594 582 - 585 585 - 588 588 - 591 591 - 594 564.5 - 576.5 564.5 - 567.5 567.5 - 570.5 570.5 - 573.5 573.5 - 576.5 552.5 - 564.5 552.5 - 555.5 555.5 - 558.5 558.5 - 561.5 561.5 - 564.5 allngap : dsx-xss dominant opto technologies innovating illumination tm 29/09/2010 v17.0 5 forward voltage (v) vf binning (optional) at tj=25?c vf bin @ 20ma 01 02 03 04 1.55 1.85 1.85 2.15 2.15 2.45 2.45 2.75 forward voltage, vf is measured with an accuracy of 0.1 v. allngap : dsx-xss please consult sales and marketing for special part number to incorporate vf binning. l1 l2 m1 m2 p1 p2 q1 q2 r1 r2 s1 s2 t1 t2 11.2...14.0 14.0...18.0 18.0...22.4 22.4...28.5 45.0...56.0 56.0...71.5 71.5...90.0 90.0...112.5 112.5...140.0 140.0...180.0 180.0...224.0 224.0...285.0 285.0...355.0 355.0...450.0 brightness group luminous intensity @ iv (mcd) luminous intensity group at tj=25?c luminous intensity is measured with an accuracy of 11%. dominant opto technologies innovating illumination tm relative luminous intensity vs forward current forward current, ma relative intensity; normalized at 20ma 0 10 20 30 40 50 60 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 forward current vs forward voltage forward voltage, v 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 0 5 10 15 20 25 30 35 maximum current vs temperature ambient temperature forward current, ma 0 20 40 60 80 100 0 5 10 15 20 25 relative intensity vs wavelength wavelength; nm 500 550 600 650 700 750 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 allowable forward current vs duty ratio (ta=25 deg c, tp<10us) duty ratio, % allowable forward current (ma) 1 10 100 1 10 100 1000 29/09/2010 v17.0 6 allngap : dsx-xss 0. 2 70 90 80 0 60 50 40 30 20 0. 6 0. 4 1. 0 0. 8 10 0 relative intensity forward current, ma radiation pattern as alingap ts alingap green yellow orange amber red super red pure green duty ratio, (%); ta=25 0 c, tp<10us allowable forward current vs duty ratio dominant opto technologies innovating illumination tm 29/09/2010 v17.0 7 domiled tm ? allngap : dsx-xss package outlines allngap : dsx-xss material material lead-frame package encapsulant soldering leads cu alloy with ag plating high temperature resistant plastic, ppa epoxy sn-sn plating dominant opto technologies innovating illumination tm 29/09/2010 v17.0 8 allngap : dsx-xss recommended solder pad dominant opto technologies innovating illumination tm 29/09/2010 v17.0 9 taping and orientation ? reels come in quantity of 2500 units. ? reel diameter is 180 mm. allngap : dsx-xss dominant opto technologies innovating illumination tm 29/09/2010 v17.0 10 packaging specifcation allngap : dsx-xss dominant opto technologies innovating illumination tm 29/09/2010 v17.0 11 packaging specifcation average 1pc right angle domiled 1 completed bag (2500pcs) 0.034 190 10 weight (gram) cardboard box dimensions (mm) empty box weight (kg) 300 x 250 x 250 416 x 516 x 476 15 reels max 96 reels max small large for right angle domiled tm reel / box quantity / box (pcs) cardboard box size 0.58 1.74 37,500 max 240,000 max weight (gram) 0.034 190 10 allngap : dsx-xss dominant tm d/c: date code s/n : serial no group : group qty : product quantity per reel part no : partno lot no : lotno moisture sensitivity level moisture absorbent material + moisture indicator the reel, moisture absorbent material and moisture indicator are sealed inside the moisture proof foil bag reel barcode label dominant rohs compliant pb free label dominant opto technologies innovating illumination tm 29/09/2010 v17.0 12 recommended sn-pb ir-refow soldering profle 275 250 225 200 175 150 125 100 75 50 25 0 50 100 150 200 183?c ramp-up 3?c/sec max. 235-240?c 10-30s 60-150s ramp- down 6?c/sec max. preheat 60-120s 360s max time (sec) temperature (?c) classifcation refow profle (jedec j-std-020c) 0 50 100 150 200 300 250 225 200 175 150 125 100 75 50 25 275 temperature (?c) classifcation refow profle (jedec j-std-020c) ramp-up 3?c/sec max. 255-260?c 10-30s 60-150s ramp- down 6?c/sec max. preheat 60-180s 480s max 217?c recommended pb-free soldering profle allngap : dsx-xss dominant opto technologies innovating illumination tm revision history note all the information contained in this document is considered to be reliable at the time of publishing. however, dominant opto technologies does not assume any liability arising out of the application or use of any product described herein. dominant opto technologies reserves the right to make changes at any time without prior notice to any products in order to improve reliability, function or design. dominant opto technologies products are not authorized for use as critical components in life support devices or systems without the express written approval from the managing director of dominant opto technologies . page 2 7 7 6 3 4 - 2 subjects add new partno: dsr-css-rs2-1 update package drawing print error on package drawing add allowable forward current vs duty ratio graph add minimum value for electrical characteristics not for new design: dsr-css-qr2-1 update company name not for new design: dsy-css-qr2-1 date of modifcation 08 may 2008 05 dec 2008 08 apr 2009 17 apr 2009 12 may 2009 29 jan 2010 08 mar 2010 29 sep 2010 allngap : dsx-xss 29/09/2010 v17.0 13 dominant opto technologies innovating illumination tm allngap : dsx-xss about us dominant opto technologies is a dynamic malaysian corporation that is among the worlds leading smt led manufacturers. an excellence C driven organization, it offers a comprehensive product range for diverse industries and applications. featuring an internationally certifed quality assurance acclaim, dominants extra bright leds are perfectly suited for various lighting applications in the automotive, consumer and communications as well as in - dustrial sectors. with extensive industry experience and relentless pursuit of innovation, dominants state-of-art manufacturing, research and testing capabilities have become a trusted and reliable brand across the globe. more information about dominant opto technologies can be found on the internet at http://www.dominant-semi.com. dominant opto technologies innovating illumination tm dominant opto technologies innovating illumination tm please contact us for more information: head quarter dominant opto technologies sdn. bhd. lot 6, batu berendam, ftz phase iii, 75350 melaka, malaysia tel: (606) 283 3566 fax: (606) 283 0566 e-mail: sales@dominant-semi.com dominant opto technologies sdn. bhd. shanghai representative office rm 1007, dazhong building, no. 1515 zhong shan (w) rd, shanghai, china 200235 tel: +86 21 6428 6428 fax: +86 21 6428 6880 e-mail: sales_china@dominant-semi.com dominant korea sales office dominant semiconductors korea inc. rm 211 sunteak city apt. 513-15 sangdaewon-dong, jungwon-gu, seongnam-si, gyeonggi-do, 462-725, korea tel: +82-31-701-5203 fax: +82-31-701-5204 e-mail: sales_korea@dominant-semi.com dominant u.s.a sales office 25 rockaway road, 08833 lebanon, new jersey, usa tel: (908) 439-9930 cell: (908) 343-5810 fax: (908) 439-9929 e-mail: don.wendel@dominant-semi.com dominant europe sales office dominant semiconductors europe gmbh raiffeisenstr. 38, 74906 bad rappenau germany tel: +49 (0) 7264-89010-10 / +49 (0) 7264-89010-11 cell: +49 173-6907370 / +49 173-6907751 fax: +49 (0) 7264-89010-29 e-mail: gerd.wachno@dominant-semi.eu; hartmut.wettengl@dominant-semi.eu dominant india sales office c-11,vasanth business centre #86, ttk road, alwarpet chennai - 600 018, india tel: 91-44-42030616 / 516 cell: 91-9444920537 fax: 91-9444920616 e-mail: pravat.behera@dominant-semi.com |
Price & Availability of DSO-CSS-RS2-1 |